Part Number Hot Search : 
AKD43 1N4728 CD22357A 000WD FD668 AM6080 1N6066 T824R25
Product Description
Full Text Search
 

To Download SK14BL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK12BL ~ SK14BL
Elektronische Bauelemente
VOLTAGE 20V ~ 40V Low VF & Low Ir Types 1.0AMP Surface Mount Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
DO-214AA(SMB)
FEATURES
* Ideal for surface mount applications * Easy pick and place * Built-in strain relief * Super low forward voltage drop & Low Ir
.083(2.11) .075(1.91) .155(3.94) .130(3.30)
.185(4.70) .160(4.06) .012(0.31) .006(0.15)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Metallurgically bonded construction * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.102 grams
.096(2.44) .083(2.13) .050(1.27) .030(0.76) .008 MAX. (.203) .220(5.59) .200(5.08)
Dimens ions in inches and (millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 at Rated DC Blocking Voltage Thermal Resistance, Junction to Ambient * Operating Temperature Range TJ Storage Temperature Range TSTG Ta=80 RJ A
SK12BL 20 20 20 1 80 0.41 0.1 5 75 -25 ~ +125 -50 ~ +150
SK14BL 40 40 40
UNITS V V V A A
0.43
V mA mA /W
*Device mounted on FR-4 PCB 0.013 mm.
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
SK12BL ~ SK14BL
Elektronische Bauelemente
VOLTAGE 20V ~ 40V Low VF & Low Ir Types 1.0AMP Surface Mount Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SK12BL THRU SK14BL)
FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE
A V E RAGE F ORWARD CURRENT,(A)
FIG.2 TYPICAL FORWARD CHARACTERISTICS
1.2
INSTANTANEOUS FORWARD CURRENT (A)
1.0 0.8
SK
5.0
SK 12 BL
0.4 0.2 0 20 40 60 80
100
120
140
160
180
200
0.1
Tj=25 C Pulse Width 300u s 1% Duty Cycle
AMBIENT TEMPERATURE ( C)
0.01
FIG .3-TYPICAL JUNCTION CAPACITANCE
700
JUNCT ION CAPACITANCE,(pF )
600 500 400 300 200 100 0 .01
SK 12 B
S K1 4B L
.01
.1
.2 .
.3
SK
14 B
0.6
1.0
.4
L
B 12 SK L~ BL 14
.5
.6
.7
.8
FORWARD VOLTAGE ,(V)
L
5 .0
.1
.5
1
5
1 0
05
1 00
FIG .4 - TYPICAL REVERSE CHARACTERISTICS
REV ERSE VOLTAGE ,(V )
100
PEAK F ORWARD SURGE CURRENT,(A)
100
80
REVERSE LEAK AGE CURRENT, (mA)
FIG .5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
10 10
1.0
Tj=75 C
60
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
40
.1
Tj=25 C
20
0 1 1 5 0 50 100
NUMBER OF CYCLES AT 60Hz
.01 0
20
40
60
80
100
(Percentage)
120
PERCENT A G E RATE PEAK REV ERSE V OLTAGE R OL
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SK14BL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X